Electronic Components Datasheet Search
  English  ▼

X  

SB1806100ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB1806100ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1806100ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB1806100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1806100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4
5
0
4
1
240
200
3.0
94V-0
220
240
130
220
240
130
130
130
130
130
130
130
130
AR-001A
NC , BK
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
E4010
3.0
94V-0
0.30
0.75
3.0
1.5
94V-0
94V-0
94V-0
94V-0
0.30
0.75
0.30
0.75
3.0
1.5
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
220
130
130
130
220
220
130
200
130
130
130
180
200
130
5
0
4
1
4
1
___
0
0
___
4
4
5
0
___
___
___
___
___
___
4
1
___
2
3
___
4
4
___
3
2
___
4
4
5
0
___
___
___
___
___
___
___
___
___
___
___
___
4
4
___
___
___
4
___
___
___
___
___
___
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Imp
130
130
130
130
w/o
220
240
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
PROD.
SMD POWER INDUCTOR
NC , BK
NC , WT , BK
E4008 , E400X
E4008
Mtl Dsg
NAME
0.75
0.30
0.75
0.30
3.0
1.5
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
Min
Thk
Col
mm
Flame
UL94
Class
130
220
220
130
130
130
130
130
200
180
130
130
130
130
RTI
Imp
with
Elec
Mech
REF :
E54705 (M)
4
1
___
3
2
___
4
4
___
3
2
___
4
4
5
0
___
___
___
___
___
___
___
___
___
___
___
___
I
H
W
H
I
A
D
H
V
R
T
4
5
9
4
___
___
___
___
___
___
C
I
T
SB1806□□□□L□-□□□
PAGE: 7
20070414-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com