Electronic Components Datasheet Search
  English  ▼

X  

TS7011AM Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS7011AM
Description  10 BASE-T ISOLATION TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7011AM Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS7011AM Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:TS7011AM
DATA SHEET
Feature
!
Designed to meet or exceed IEEE 802.3,10Base-T
specifications.
!
Available with common mode chokes for EMI suppression.
!
Surface mount,IC grade,transfer-molded package .
!
Operating temperature range: -40℃ to +85℃.
!
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25°C
Turns Ratio (±5%)
Part
Number
(1-3):(16-14)
(6-8):(11-9)
OCL
(uH Min)
@100KHz/20mV
CW/W (pF Max)
@100KHz/20mV
TS7011AM
1CT:1CT
1CT:1.414CT
110
15
Continue
Part
Number
L.L (uH Max)
@100KHz/20mV
DCR(Ω Max)
PRI Pins
HI-POT
(Vrms)
TS7011AM
0.4
1.0
1-3,6-8
1500
Schematic
Mechanical
Bothhandusa.com
10 BASE-T ISOLATION TRANSFORMERS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS7011AM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS7011AM

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7325 FILTRAN-7325 Datasheet
142Kb / 1P
LAN Isolation Transformers for 10 Base-T
logo
Rhombus Industries Inc.
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
10 BASE-T Transformers
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
10 BASE-T Applications Isolation Transformers
07/02/98
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
10 Base-T Isolation Transformers
logo
XFMRS Inc.
XF12062C XFMRS-XF12062C Datasheet
43Kb / 1P
10 BASE T ISOLATION MAGNETICS
logo
Bothhand USA, LP.
NS060 BOTHHAND-NS060 Datasheet
172Kb / 1P
10 BASE ISOLATION TRANSFORMERS PCMCIA
logo
XFMRS Inc.
X0033TXB XFMRS-X0033TXB_15 Datasheet
65Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF20064A XFMRS-XF20064A_15 Datasheet
57Kb / 1P
10 BASE T ISOLATION MAGNETICS
XF20065B XFMRS-XF20065B_15 Datasheet
62Kb / 1P
10 BASE T ISOLATION MAGNETICS
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
Isolation Transformers for 10 Base-T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com