Electronic Components Datasheet Search
  English  ▼

X  

TS8023LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS8023LF
Description  ISOLATION TRANSFORMER FOR 10 BASE-T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS8023LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS8023LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOLATION TRANSFORMER FOR 10 BASE-T
P/N: TS8023 LF DATA SHEET
Pag1/1
Feature
l
Designed to Meet or exceed IEEE 802.3, 10 BASE-T
Specifications.
l
Surface mount, IC grade, transfer-molded package
withstands 235℃ peak temperature profile.
l
Available with common mode chokes for EMI suppression.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operation temperature range: 0
°C to +70°C.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio(±5%)
Part
Number
TX
RX
Sine Wave Inductance
(uH Min)
CW/W
(pF Max)
TS8023 LF
1CT: 2.5CT
1CT: 1CT
200
15
Continue
Part
Number
L.L
(uH Max)
DCR
(Ωmax)
PRI pins
HI-POT
(Vrms)
TS8023 LF
0.5
0.4
(6-8)& (1-3)
2000
Schematic
Mechanical
Bothhandusa.com
TS8023 LF


Similar Part No. - TS8023LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS8023-1LF BOTHHAND-TS8023-1LF Datasheet
73Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS8023LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5018 BOTHHAND-S5018 Datasheet
91Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
S5745 BOTHHAND-S5745 Datasheet
27Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS060 BOTHHAND-TS060 Datasheet
208Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS7010A BOTHHAND-TS7010A Datasheet
207Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com