Electronic Components Datasheet Search
  English  ▼

X  

B82498F Datasheet(PDF) 4 Page - EPCOS

Part # B82498F
Description  SMT inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F Datasheet(HTML) 4 Page - EPCOS

  B82498F Datasheet HTML 1Page - EPCOS B82498F Datasheet HTML 2Page - EPCOS B82498F Datasheet HTML 3Page - EPCOS B82498F Datasheet HTML 4Page - EPCOS B82498F Datasheet HTML 5Page - EPCOS B82498F Datasheet HTML 6Page - EPCOS B82498F Datasheet HTML 7Page - EPCOS B82498F Datasheet HTML 8Page - EPCOS B82498F Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with impedance analyzer Agilent 4291A and
test fixture Agilent 16197A at frequency fL, 0.1 V, 20 °C.
Pad distance 0.9
±0.1 (mm)
Short inductance 200 pH unconsidered
Q factor Qmin
Measured with impedance analyzer Agilent 4291A and
test fixture Agilent 16197A at frequency fQ, 20 °C.
Pad distance 0.9
±0.1 (mm)
Short inductance 200 pH unconsidered
Rated temperature TR
105
°C
Rated current IR
Maximum permissible DC with inductance decrease
∆L/L
0 ≤ 10% and temperature increase
of
≤ 20 K at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8720D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
Standard version:
260
°C, 20 s (as referenced in JEDEC J-STD 020C)
Gold-plated terminals:
260
°C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
−55 °C … +125 °C
Packaged:
−25 °C … +40 °C, ≤ 75% RH
Weight
Approx. 10 mg
B82498F
SMT inductors, SIMID series
SIMID 0805-F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com