Electronic Components Datasheet Search
  English  ▼

X  

B82502W Datasheet(PDF) 2 Page - EPCOS

Part # B82502W
Description  Power line chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82502W Datasheet(HTML) 2 Page - EPCOS

  B82502W Datasheet HTML 1Page - EPCOS B82502W Datasheet HTML 2Page - EPCOS B82502W Datasheet HTML 3Page - EPCOS B82502W Datasheet HTML 4Page - EPCOS B82502W Datasheet HTML 5Page - EPCOS B82502W Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 500 V AC/600 V DC
Rated current 0.2 A to 2 A
Rated inductance 0.68 mH to 82 mH
Construction
■
I core choke
■
Ferrite core
■
Rectangular plastic case
■
Resin potting
Features
■
Low power dissipation
■
Suppression of broadband interference
■
Compact design
■
Suitable for wave soldering
■
Design complies with EN 60938-2 (VDE 0565-2)
■
RoHS-compatible
Applications
■
Suppression of symmetrical
and asymmetrical interference
■
High-performance power supplies
■
Industrial applications
Terminals
■
4 solder pins
■
Base material CuNi18Zn20
■
Layer composition Ni, Sn
Marking
Manufacturer, ordering code, rated inductance,
rated voltage, rated current, date of manufacture (MM.YY)
Delivery mode
Cardboard box
B82502W
Power line chokes
I core chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com