Electronic Components Datasheet Search
  English  ▼

X  

B82614 Datasheet(PDF) 4 Page - EPCOS

Part # B82614
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82614 Datasheet(HTML) 4 Page - EPCOS

  B82614 Datasheet HTML 1Page - EPCOS B82614 Datasheet HTML 2Page - EPCOS B82614 Datasheet HTML 3Page - EPCOS B82614 Datasheet HTML 4Page - EPCOS B82614 Datasheet HTML 5Page - EPCOS B82614 Datasheet HTML 6Page - EPCOS B82614 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Rated voltage VR
250 V AC (50/60 Hz)
Rated temperature TR
40
°C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Defined at zero DC current bias
Measured with Agilent 4284A at 0.1 mA, 20
°C
Measuring frequency: LR ≤ 1 mH = 100 kHz
LR > 1 mH = 10 kHz
Inductance tolerance
±30% at 20 °C
Inductance at rated current
Measured at DC magnetic bias with IR with Agilent
4284A at 0.1 mA, 20
°C, typical values
Measuring frequency:
LR ≤ 1 mH = 100 kHz
LR > 1 mH = 10 kHz
DC resistance Rtyp
Measured at 20
°C, typical values
Solderability (lead free)
Sn96.5Ag3.0Cu0.5: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(260
±5) °C, (10 ±1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 30 g
IR
A
LR
mH
L at IR, typ.
mH
Rtyp
Ω
Ordering code
0.8
3.0
2.9
1.9
B82614R2801A030
1.0
2.0
1.9
1.3
B82614R2102A030
1.7
1.5
0.95
0.61
B82614R2172A030
2.0
1.0
0.75
0.43
B82614R2202A030
2.4
0.75
0.50
0.33
B82614R2242A030
2.7
0.5
0.42
0.23
B82614R2272A030
B82614
Power line chokes
Sine-wave chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com