Electronic Components Datasheet Search
  English  ▼

X  

B82733F Datasheet(PDF) 2 Page - EPCOS

Part # B82733F
Description  Power line chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82733F Datasheet(HTML) 2 Page - EPCOS

  B82733F Datasheet HTML 1Page - EPCOS B82733F Datasheet HTML 2Page - EPCOS B82733F Datasheet HTML 3Page - EPCOS B82733F Datasheet HTML 4Page - EPCOS B82733F Datasheet HTML 5Page - EPCOS B82733F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.7 A to 2.3 A
Rated inductance 10 mH to 100 mH
Construction
■
Current-compensated double choke
■
Closed magnetic circuit with frame construction
■
4-section winding with direct winding of the core
■
Optional magnetic bypass to increase stray inductance
■
Height 14 mm
■
Clearance and creepage distances >3 mm
Features
■
High inductance with low resistance
■
Excellent differential-mode suppression
■
High pulse-handling capability
■
Industry best inductance/rated current ratio
■
Suitable for wave soldering
■
Design complies with EN 60938-2 (VDE 0565-2)
■
VDE and UL approval
■
RoHS-compatible
Applications
■
Electronic ballasts for lamps
■
High power switch-mode power supplies
for consumer electronics
Terminals
■
Lead-free
■
Pins 0.7
× 0.7 (mm)
■
Pins in the lead spacing 20
× 22.5 mm
Marking
Marking
Manufacturer, date of manufacture (YYWW),
production place, rated inductance, rated current,
ordering code, pin 1 marking
B82733F
Power line chokes
Current-compensated frame core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com