Electronic Components Datasheet Search
  English  ▼

X  

B82745C Datasheet(PDF) 3 Page - EPCOS

Part # B82745C
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82745C Datasheet(HTML) 3 Page - EPCOS

  B82745C Datasheet HTML 1Page - EPCOS B82745C Datasheet HTML 2Page - EPCOS B82745C Datasheet HTML 3Page - EPCOS B82745C Datasheet HTML 4Page - EPCOS B82745C Datasheet HTML 5Page - EPCOS B82745C Datasheet HTML 6Page - EPCOS B82745C Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings and electrical circuits
B82745C*A007
B82745C*A010, A013
IND0276-9
3
122
142
130±0.2
ø4.8
67
400±10
10±2
3’
2’
2
1’
1
IND0275-W
1’
1
22’
33’
IND0277-H
ø5.8
145±0.5
174±0.5
(206)
155±0.2 x 80±0.2
a
Type
a
h1
B82745C0002A010
B82745C0002A013
M10
M8
30 mm
20 mm
IND0275-W
1’
1
22’
33’
Tolerances to ISO 2768-C unless otherwise noted.
Dimensions in mm
B82745C
Power line chokes
Current-compensated ring core triple chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com