Electronic Components Datasheet Search
  English  ▼

X  

B84299G Datasheet(PDF) 3 Page - EPCOS

Part # B84299G
Description  Filters for Communication Lines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84299G Datasheet(HTML) 3 Page - EPCOS

  B84299G Datasheet HTML 1Page - EPCOS B84299G Datasheet HTML 2Page - EPCOS B84299G Datasheet HTML 3Page - EPCOS B84299G Datasheet HTML 4Page - EPCOS B84299G Datasheet HTML 5Page - EPCOS B84299G Datasheet HTML 6Page - EPCOS B84299G Datasheet HTML 7Page - EPCOS B84299G Datasheet HTML 8Page - EPCOS B84299G Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Filter boxes for communication line filters
with 1 pair or 2 lines
Design
Material: 1.5 mm sheet steel
RF-tight, welded-in shielding wall of
high-grade steel
Both parts of filter box accessible
through separate lids
The shielding wall has 26 or 52 holes for screwing in the filters. Unused holes are sealed off by
RF-tight screw plugs, which can be removed for later filter additions.
On each side of the box there are terminal strips for attaching the filter lines, and 3 cable inlets
with the thread size of PG 29. Matching cable glands can be screwed in here using reducer rings
if necessary.
Ex works the filter box comes with 2 glands of size PG 29 for cable diameters of 23 to 28 mm. At
the front end the filter box can be connected to the shielding wall with maximally
3 connector fittings with nominal width of 25 mm.
Other cable inlets are available upon request.
Filters for communication lines
B84299G
Filter boxes
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com