Electronic Components Datasheet Search
  English  ▼

X  

B85321 Datasheet(PDF) 12 Page - EPCOS

Part # B85321
Description  EMC filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85321 Datasheet(HTML) 12 Page - EPCOS

Back Button B85321 Datasheet HTML 6Page - EPCOS B85321 Datasheet HTML 7Page - EPCOS B85321 Datasheet HTML 8Page - EPCOS B85321 Datasheet HTML 9Page - EPCOS B85321 Datasheet HTML 10Page - EPCOS B85321 Datasheet HTML 11Page - EPCOS B85321 Datasheet HTML 12Page - EPCOS B85321 Datasheet HTML 13Page - EPCOS B85321 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1-line filters
B85321A*A
Feedthrough filters
∅ 55 mm, 63 … 500 A
Characteristics and ordering codes
I R
A
CR
µF
VR
V AC
VR
V DC
Vtest
V DC
Terminal Dimensions (mm)
Ordering code
Approvals
l +1
l1 –1 l2 –3
500
2
× 0.5 250
600
3000 M18
130
250
75
B85321A2105A501 –
2
× 1.0 250
600
2500 M18
130
250
75
B85321A2205A501 –
2
× 2.0 250
600
2500 M18
130
250
75
B85321A2405A501 –
2
× 4.7 250
350
1650 M18
130
250
75
B85321A2945A501 –
× = approval granted
Insertion loss (dB); typical values at 50
Ω
CR (µF)
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
1 GHz
2
× 0.5
5
25
45
80
> 100
> 100
2
× 1.0
10
30
60
> 100
> 100
> 100
2
× 2.0
15
35
70
> 100
> 100
> 100
2
× 4.7
25
40
90
> 100
> 100
> 100
Dimensional drawing
A/F 41
55±1
8
15+1
Marking
1
2
SSB1273-3-E
Thread
Tightening torque
M6
3 +0.5 Nm
M8
5 +0.5 Nm
M10
8 +2
Nm
M12
12 +2
Nm
M16
28 +2
Nm
M18
35 +2
Nm
Thread
Tightening torque
M27
× 1.5
16 +2
Nm
M32
× 1.5
24 +2.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com