Electronic Components Datasheet Search
  English  ▼

X  

SF0603003YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF0603003YL
Description  SMD LINE FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0603003YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF0603003YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0603003YL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SMD LINE FILTER
AR-001A
1). Packing information : A : Bulk B : Taping Reel
L1 , L2
0.1V/1MHz
Impedance ( E4991A )
RDC ( CH-502AC )
3). Test equipment : Inductance ( WK3260B )
SF0603005YL□
SF0603006YL□
SF0603003YL□
SF0603004YL□
SF0603002YL□
SF0603001YL□
DWG No.
60 Hz
1 mA
2 sec
100
1.50±25%
2.30±25%
150
0.48±25%
3.40±25%
25
150
Impedance ( Z )
HI-POT
Test
240 VDC
2.80±25%
1.00±25%
100
25
(µH)
RDC
( mΩ max. )
1000±40%
1500±40%
1000±25%
250±40%
800±25%
300±25%
SPECIFICATION FOR APPROVAL
SF0603□□□□L□-□□□
□
□
2)."-
":Reference code
□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF : 20070803-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com