Electronic Components Datasheet Search
  English  ▼

X  

SF0905652YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF0905652YL
Description  SMD LINE FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0905652YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF0905652YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0905652YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
300
AR-001A
0.1
1
0.3
Frequency ( MHz )
30
10
3
100
0.5
0.7
1
5
3
7
100Y
400Y
500Y
250Y
3
Frequency ( MHz )
0.1
0.3
1
0.3
10
30
100
501Y
1
0.7
0.5
251Y
202Y
3
5
7
102Y
471Y
10
RF Impedance
Measuring circuit :
Frequency ( MHz )
0.1
0.3
1
3
30
100
8
2
1
5
652Y
472Y
10
20
1). □ :Packaging information … A :Bulk ,
B :Taping Reel
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SMD LINE FILTER
Impedance 100Y ~ 202Y ( HP4291A )
4). Test equipment : Inductance 100Y ~ 500Y ( HP4274A )
Ⅵ﹒IMPEDANCE VS﹒ FREQUENCY :
3).. HI-Pot test ( N1-N2 ) :500Vac / 60Hz , 3mA , 3sec.
Indductance
-□□□
50±30%
SF0905500YL□
-□□□
6500±50%
SF0905652YL□
2)."-
":Reference code
□
□
□
SF0905251YL□
SF0905501YL□
SF0905102YL□
SF0905472YL□
SF0905202YL□
SF0905471YL□
-□□□
-□□□
-□□□
4700±50%
1000±50%
2000±50%
-□□□
-□□□
-□□□
470±50%
500±50%
250±50%
Dwg. No.
SF0905250YL□
SF0905100YL□
SF0905400YL□
-□□□
10±30%
-□□□
-□□□
40±30%
25±30%
L1 , L2
( μH )
PROD.
NAME
REF :
min.
50
0.32
0.1V,1KHz
max.
20 ~ 100
1500
0.8
;472Y ~ 652Y ( HP4194A )
;251Y ~ 652Y ( HP4194A )
50
1.05
5mV,100KHz
max.
0.13
0.15
0.31
0.90
0.42
0.14
5mV,100KHz
5mV,100KHz
5mV,100KHz
5mV,100KHz
5mV,100KHz
5mV,100KHz
max.
max.
max.
50
50
50
max.
max.
max.
50
50
50
min.
5000
0.3
0.3 ~
2
0.4
0.8
0.6
4000 min.
1500
3000 min.
min.
1.1
1.0
1.2
min.
1000
1000 min.
600 min.
1 ~ 15
0.3 ~
3
1 ~
5
3 ~ 20
1 ~ 20
2 ~ 20
0.08
0.16
0.25
Resistance
N1 , N2 ( Ω )
0.1V,1KHz
0.1V,1KHz
0.1V,1KHz
condition
Test
50
max.
max.
max.
50
50
Vdc ( V )
Voltage
Nominal
DC
ABC'S DWG NO.
ABC'S ITEM NO.
min.
200
1.6
0.9
1.0
800 min.
600 min.
current
( A )
Rated
Impedance
( Ω )
20 ~ 300
20 ~ 150
20 ~ 100
Range
( MHz )
Freq.
SF0905□□□□L□-□□□
PAGE: 2
20080815-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com