Electronic Components Datasheet Search
  English  ▼

X  

VP80 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # VP80
Description  10/100 BASE-TX VOICE OVER IP MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

VP80 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  VP80 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: VP80 DATA SHEET
Page : 1/1
Feature
!
IEEE 802.3af/ANSI X3.263 compliant performance.
!
350mA current capability.
!
Suitable for Auto MDIX applications.
!
Recommended parts for mid-span POWER over
ETHERNET applications.
!
Operating temperature range: 0
°C to +70°C.
!
Storage temperature range: -25
°C to +125°C.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(±5%)
HI-POT
(Vrms)
VP80
1CT:1CT
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
30MHz
60MHz
100MHz
VP80
-1.2
-16
-14
-13
-12
-43
-37
-33
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-TX VOICE OVER IP MAGNETICS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - VP80

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP8019LF BOTHHAND-VP8019LF Datasheet
85Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
logo
Broadcom Corporation.
VP8019M BOARDCOM-VP8019M Datasheet
281Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
logo
Bothhand USA, LP.
VP8019M-HF BOTHHAND-VP8019M-HF Datasheet
133Kb / 2P
Designed to for IP phone or switch applications.
VP8019MLF BOTHHAND-VP8019MLF Datasheet
79Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
logo
Broadcom Corporation.
VP8019ZM BOARDCOM-VP8019ZM Datasheet
182Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULE
More results

Similar Description - VP80

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP87 BOTHHAND-VP87 Datasheet
258Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006AM BOTHHAND-VP2006AM Datasheet
295Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006A BOTHHAND-VP2006A Datasheet
274Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006B BOTHHAND-VP2006B Datasheet
332Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2008 BOTHHAND-VP2008 Datasheet
301Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2017A BOTHHAND-VP2017A Datasheet
331Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2017 BOTHHAND-VP2017 Datasheet
298Kb / 2P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019 BOTHHAND-VP2019 Datasheet
278Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019XLF BOTHHAND-VP2019XLF Datasheet
319Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
VP4009ALF BOTHHAND-VP4009ALF Datasheet
303Kb / 1P
10/100 BASE-TX VOICE OVER IP MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com