Electronic Components Datasheet Search
  English  ▼

X  

BY397 Datasheet(PDF) 1 Page - Transys Electronics

Part # BY397
Description  SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

BY397 Datasheet(HTML) 1 Page - Transys Electronics

  BY397 Datasheet HTML 1Page - Transys Electronics BY397 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396 THRU BY399
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Void-free molded plastic package
l
3.0 Ampere operation
at TA=55 with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color Band denotes end
Mounting Position: Any
Weight: .04 ounce, 1.1gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS
BY396
BY397
BY398
BY399
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
Volts
Maximum RMS Voltage
VRMS
70
140
280
560
Volts
Maximum DC Blocking Voltage
VDC
100
200
400
800
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) lead lengths at TA=50
1(AV)
3.0
Amps
Peak Forward Surge Current 10ms single half sine-
wave superimposed on rated load at TA=25
1FSM
100.0
Amps
Maximum Repetitive Peak Forward Surge (Note 1)
1FRM
10.0
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.30
Volts
Maximum DC Reverse Current TA=25
At Rated DC Blocking Voltage TA=100
IR
10.0
500
A
Maximum Reverse Recovery Time (Note 3) TJ=25
TRR
150
ns
Typical Junction Capacitance (Note 2)
CJ
60
pf
Typical Thermal Resistance (Note 4)
R JA
22.0
/W
Operating Temperature Range
TJ
-50 to +125
Storage Temperature Range
TSTG
-50 to +150


Similar Part No. - BY397

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY397 PANJIT-BY397 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Jinan Gude Electronic D...
BY397 JGD-BY397 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY397 SEMTECH-BY397 Datasheet
72Kb / 2P
FAST SILICON RECTIFIERS???
logo
Bytes
BY397 BYTES-BY397 Datasheet
46Kb / 1P
3.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
BY397 DCCOM-BY397 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - BY397

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
BY396 PANJIT-BY396_04 Datasheet
36Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
BY500-100 VISHAY-BY500-100 Datasheet
70Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
Soft Recovery Fast Switching Plastic Rectifier
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY396P VISHAY-BY396P_V01 Datasheet
79Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
24-Jul-13
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com