Electronic Components Datasheet Search
  English  ▼

X  

ER101S Datasheet(PDF) 2 Page - Transys Electronics

Part # ER101S
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

ER101S Datasheet(HTML) 2 Page - Transys Electronics

  ER101S Datasheet HTML 1Page - Transys Electronics ER101S Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
RATING AND CHARACTERISTIC CURVES
ER100S THRU ER106S
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC
Fig. 2-MAXIMUM NON-REPETIVIE SURGE
AND TEST CIRCUIT DIAGRAM
CURRENT
Fig. 3-MAXIMUM AVERAGE FORWARD CURRENT RATING Fig. 4-FORWARD CURRENT DERATING CURVE
Fig. 5-TYPICAL REVERSE CHAPACTERISTICS
Fig. 6-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com