Electronic Components Datasheet Search
  English  ▼

X  

ER101AS Datasheet(PDF) 1 Page - Transys Electronics

Part # ER101AS
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

ER101AS Datasheet(HTML) 1 Page - Transys Electronics

  ER101AS Datasheet HTML 1Page - Transys Electronics ER101AS Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER100S THRU ER106S
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES
l
Superfast recovery times-epitaxial construction
l
Low forward voltage, high current capability
l
Exceeds environmental standards of MIL-S-19500/228
l
Hermetically sealed
l
Low leakage
l
High surge capability
l
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
MECHANICAL DATA
Case: Molded plastic, A-405
Terminals: Axial leads, solderable to per MIL-STD-202,
Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
ER100S ER101S ER101AS ER102S ER103S ER104S ER106S UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward
Current .375"(9.5mm) lead lengths
at TA=55
1.0
A
Peak Forward Surge Current, IFM (surge):
8.3ms single half sine-wave superimposed
on rated load(JEDEC method)
30.0
A
Maximum Forward Voltage at 1.0A DC
.95
1.25
1.7
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
5.0
A
Maximum DC Reverse Current at
Rated DC Blocking Voltage TA=125
150
A
Maximum Reverse Recovery Time(Note 1)
35.0
ns
Typical Junction capacitance (Note 1)
17
PF
Typical Junction Resistance(Note 2) R JA
50
/W
Operating and Storage Temperature Range TJ
-55 to +150
NOTES:
1.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
A-405


Similar Part No. - ER101AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER101AS PANJIT-ER101AS Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER101AS PANJIT-ER101AS Datasheet
40Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER101AS BILIN-ER101AS Datasheet
73Kb / 2P
ULTRA FAST RECTIFIER
logo
Pan Jit International I...
ER101AS PANJIT-ER101AS Datasheet
50Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER101AS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com