Electronic Components Datasheet Search
  English  ▼

X  

B32340C2002A830 Datasheet(PDF) 4 Page - EPCOS

Part # B32340C2002A830
Description  Film capacitors - Power Factor Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C2002A830 Datasheet(HTML) 4 Page - EPCOS

  B32340C2002A830 Datasheet HTML 1Page - EPCOS B32340C2002A830 Datasheet HTML 2Page - EPCOS B32340C2002A830 Datasheet HTML 3Page - EPCOS B32340C2002A830 Datasheet HTML 4Page - EPCOS B32340C2002A830 Datasheet HTML 5Page - EPCOS B32340C2002A830 Datasheet HTML 6Page - EPCOS B32340C2002A830 Datasheet HTML 7Page - EPCOS B32340C2002A830 Datasheet HTML 8Page - EPCOS B32340C2002A830 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 4 of 12
Important notes at the end of this document
.
Design data
Dimensions (d × l)
According to specification table
Weight approx.
According to specification table
Filling
Biodegradable soft resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm (for Ø 63.5 mm)
Mounting position
Upright. See “Installation and maintenance instructions
for PFC capacitors” for further details.
Terminals
Degree of protection
IP20, option IP54 with plastic terminal cap; additional
cable gland at cable entry required.
Creepage distance
10 mm
Clearance
16.5 mm (to UL 810)
Safety
Mechanical safety
Tear off fuses overpressure disconnector
Max. short circuit current
(AFC: 10 kA) (to UL 810)
Discharge resistor time
≤ 1 min (75 V) , IEC 60831 specifies 3 min.
Reference standards
IEC 60831–1/2. UL 810-5th edition
Single phase resistor, included in the extend of delivery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com