Electronic Components Datasheet Search
  English  ▼

X  

B32343C Datasheet(PDF) 6 Page - EPCOS

Part # B32343C
Description  Film capacitors - Power Factor Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C Datasheet(HTML) 6 Page - EPCOS

Back Button B32343C Datasheet HTML 2Page - EPCOS B32343C Datasheet HTML 3Page - EPCOS B32343C Datasheet HTML 4Page - EPCOS B32343C Datasheet HTML 5Page - EPCOS B32343C Datasheet HTML 6Page - EPCOS B32343C Datasheet HTML 7Page - EPCOS B32343C Datasheet HTML 8Page - EPCOS B32343C Datasheet HTML 9Page - EPCOS B32343C Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Film capacitors – Power Factor Correction
B32343C****A***
PhiCap capacitors
B32343C / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 6 of 12
Important notes at the end of this document.
Three-phase capacitors – VR = 400 V AC, 50/60 Hz, delta connection
Product / Type
50 Hz
60 Hz
CR
d × h
Weight
Quantity
Ordering code
Output
IR
Output
IR
per
kvar
A
kvar
A
μF
mm
kg
box
MKP400-D-1.0
B32343C4012A000
1.0
1.4
1.2
1.7
3 × 7
53 × 114
0.30
12
MKP400-D-1.5
B32343C4012A500
1.5
2.2
1.8
2.6
3 × 10
53 × 114
0.30
12
MKP400-D-2.0
B32343C4022A000
2.0
2.9
2.4
3.5
3 × 13
63.5 × 129
0.40
12
MKP400-D-2.5
B32343C4022A500
2.5
3.6
3.0
4.3
3 × 17
63.5 × 129
0.40
12
MKP400-D-5.0
B32343C4052A000
5.0
7.2
6.0
8.6
3 × 33
63.5 × 129
0.40
12
Three-phase capacitors – VR = 415 V AC, 50/60 Hz, delta connection
Product / Type
50 Hz
60 Hz
CR
d × h
Weight
Quantity
Ordering code
Output
IR
Output
IR
per
kvar
A
kvar
A
μF
mm
kg
box
MKP415-D-1.0
B32343C4012A010
1.0
1.4
1.2
1.6
3 × 6
53 × 114
0.30
12
MKP415-D-1.5
B32343C4012A510
1.5
2.1
1.8
2.4
3 × 9
53 × 114
0.30
12
MKP415-D-2.0
B32343C4022A010
2.0
2.8
2.4
3.4
3 × 12
53 × 114
0.40
12
MKP415-D-2.5
B32343C4022A510
2.5
3.5
3.0
4.2
3 × 15
63.5 × 129
0.40
12
MKP415-D-5.0
B32343C4052A010
5.0
7.0
6.0
8.4
3 × 31
63.5 × 154
0.40
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com