Electronic Components Datasheet Search
  English  ▼

X  

ER201 Datasheet(PDF) 1 Page - Transys Electronics

Part # ER201
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

ER201 Datasheet(HTML) 1 Page - Transys Electronics

  ER201 Datasheet HTML 1Page - Transys Electronics ER201 Datasheet HTML 2Page - Transys Electronics ER201 Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ER200 THRU ER206
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes
FEATURES
l
Superfast recovery times-epitaxial construction
l
Low forward voltage, high current capability
l
Exceeds environmental standards of MIL-S-19500/228
l
Hermetically sealed
l
Low leakage
l
High surge capability
l
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
MECHANICAL DATA
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable to MIL-STD-202,
Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
ER200
ER201
ER201A
ER202
ER203
ER204
ER206
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward
Current .375"(9.5mm) lead length
at TA=55
2.0
A
Peak Forward Surge Current, IFM (surge):
8.3ms single half sine-wave superimposed
on rated load(JEDEC method)
50.0
A
Maximum Forward Voltage at 2.0A DC
.95
1.25
1.7
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
5.0
A
Maximum DC Reverse Current at
Rated DC Blocking Voltage TA=125
200
A
Maximum Reverse Recovery Time(Note 1)
35.0
ns
Typical Junction capacitance (Note 2)
22
PF
Typical Junction Resistance(Note 3) R JA
40
/W
Operating and Storage Temperature Range TJ
-55 to +150
NOTES:
1.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
DO-15


Similar Part No. - ER201

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER201 PANJIT-ER201 Datasheet
67Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
ER201 PANJIT-ER201 Datasheet
54Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER201 BILIN-ER201 Datasheet
90Kb / 2P
SUPER FAST RECTIFIER
logo
Pan Jit International I...
ER201 PANJIT-ER201 Datasheet
45Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
ER201 DACHANG-ER201 Datasheet
120Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 2.0A
More results

Similar Description - ER201

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com