Electronic Components Datasheet Search
  English  ▼

X  

B41505 Datasheet(PDF) 13 Page - EPCOS

Part # B41505
Description  Aluminum electrolytic capacitors21
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505 Datasheet(HTML) 13 Page - EPCOS

Back Button B41505 Datasheet HTML 9Page - EPCOS B41505 Datasheet HTML 10Page - EPCOS B41505 Datasheet HTML 11Page - EPCOS B41505 Datasheet HTML 12Page - EPCOS B41505 Datasheet HTML 13Page - EPCOS B41505 Datasheet HTML 14Page - EPCOS B41505 Datasheet HTML 15Page - EPCOS B41505 Datasheet HTML 16Page - EPCOS B41505 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life
graphs.
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
VR
≤ 100 V DC
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
VR
≥ 200 V DC
B41505, B43505
Excellent performance
105
°C
Page 13 of 21
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com