Electronic Components Datasheet Search
  English  ▼

X  

ER501 Datasheet(PDF) 2 Page - Transys Electronics

Part # ER501
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

ER501 Datasheet(HTML) 2 Page - Transys Electronics

  ER501 Datasheet HTML 1Page - Transys Electronics ER501 Datasheet HTML 2Page - Transys Electronics ER501 Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
RATING AND CHARACTERISTIC CURVES
ER500 THRU ER506
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC
Fig. 2- MAXIMUM AVERAGE FORWARD CURRENT
AND TEST CIRCUIT DIAGRAM
RATING
Fig. 3- MAXIMUM AVERAGE FORWARD CURRENT RATING
Fig. 4-FORWARD CURRENT DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com