Electronic Components Datasheet Search
  English  ▼

X  

EBPC-3500 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EBPC-3500
Description  Embedded Industrial Chassis for 3.5" SBCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EBPC-3500 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EBPC-3500 Datasheet HTML 1Page - Advantech Co., Ltd. EBPC-3500 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
Front View of EBPC-3500-75CE
Front View of EBPC-3500-80CE
EBPC-3500
Embedded Industrial Chassis for 3.5" SBCs
Built-in DC-to-DC power supply, accepts DC 12 V ~ 24 V power input source,
and ATX
One PC/104 or PCI-104 or MIO card expansion
Supports one 2.5" HDD bay with anti-vibration design
Easy installation of HDD and DRAM
Built-in maximum I/O ports on the front, and optional video ports on the rear
Reserved, pre-punched I/O ports on the modular design I/O Metal Plate for
quick and convenient customized I/O extension
Compact, robust construction
Simple and modularized service-friendly design
NEW
Specifications
Drive Bay
Front -accessible
Internal
2.5"
-
1
Compact Flash
-
1
Cooling
Fan
1 (11.4 CFM)
I/O Interface
Front I/O Ports
1 x COM, 1 x LAN, 1 x Mini DIN PS/2, 1 x VGA (1 x USB for EBPC-3500-80CE)
Rear I/O Ports
Build -in: 1 x Parallel, 1 x DIO, 1 x COM, 1 x LAN, 2 x USB, 1 x Line in, 1 x Line out, 1 x Mic in
Reserved: 1 x DVI, 2 x USB, 2 x COM; 1 x LVDS + 1 x Inverter for the optional display module kit.
Misellaneous
Notification LEDs
Power & HDD activity; LAN link and LAN activity for EBPC-3500-80CE only
Control
Power switch & system reset button
Environment
Operating
Non-operating
Temperature
0 ~ 45° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 - 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Weight
1.6 kg (3.52 lb)
Dimension (W x H x D)
230 x 70 x 175 mm (9.1" x 2.8" x 6.9")
Power Supply
Output Rating
46 W
Power Input Connector
4-pole Phoenix DC power connector
Input Voltage
12 Vdc @ 4.5 A; 16 Vdc @ 3.4 A
19 Vdc @ 2.9 A; 24 Vdc @ 2.3 A
Output
+5 Vdc @ 7 A; +12 Vdc @ 0.5 A
+5 Vsb @ 1 A
LAN with link & activity LEDs
One USB


Similar Part No. - EBPC-3500

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE Datasheet
502Kb / 2P
Ultra-compact Intel짰 Atom N270/AMD LX800 Embedded System
24-Mar-2009
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE_10 Datasheet
343Kb / 2P
Ultra-compact Intel짰 Atom??N270 Embedded System
EBPC-3500L-75SE ADVANTECH-EBPC-3500L-75SE Datasheet
502Kb / 2P
Ultra-compact Intel짰 Atom N270/AMD LX800 Embedded System
24-Mar-2009
More results

Similar Description - EBPC-3500

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EBPC-5250 ADVANTECH-EBPC-5250 Datasheet
768Kb / 2P
Embedded Industrial Chassis for 5.25" SBCs
ACK-A001E ADVANTECH-ACK-A001E Datasheet
1Mb / 2P
Compact Embedded 3.5" SBC Chassis
ACK-A002E ADVANTECH-ACK-A002E Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
ACK-A004E ADVANTECH-ACK-A004E Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S_16 Datasheet
229Kb / 1P
Embedded MicroBox for 3.5 Capa Board
logo
Advantech Co., Ltd.
EPC-C100 ADVANTECH-EPC-C100 Datasheet
1Mb / 2P
Compact Embedded 3.5" SBC Chassis
EPC-C300 ADVANTECH-EPC-C300 Datasheet
1Mb / 3P
Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
EPC-X200 ADVANTECH-EPC-X200 Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S_17 Datasheet
227Kb / 1P
Embedded MicroBox for 3.5 Capa Board
logo
DFI Inc
ES520 DFI-ES520 Datasheet
2Mb / 2P
Embedded Chassis for 3.5" SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com