Electronic Components Datasheet Search
  English  ▼

X  

B41696 Datasheet(PDF) 8 Page - EPCOS

Part # B41696
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41696 Datasheet(HTML) 8 Page - EPCOS

Back Button B41696 Datasheet HTML 4Page - EPCOS B41696 Datasheet HTML 5Page - EPCOS B41696 Datasheet HTML 6Page - EPCOS B41696 Datasheet HTML 7Page - EPCOS B41696 Datasheet HTML 8Page - EPCOS B41696 Datasheet HTML 9Page - EPCOS B41696 Datasheet HTML 10Page - EPCOS B41696 Datasheet HTML 11Page - EPCOS B41696 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
40
°C
A
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
125
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
680
95
160
1000
85
80
5.6
4.4
3.4
1.7
1.7
1000
70
115
650
65
62
5.8
4.6
3.5
1.75
1.75
1500
50
80
450
45
43
7.4
5.7
4.5
2.25
2.25
2200
32
55
300
28
27
11.0
8.7
6.7
3.4
3.4
3300
23
36
200
19
18
15.2
12.0
9.3
4.6
4.6
3300
∇
24
38
200
22
21
12.3
9.7
7.5
3.7
3.7
5000
15
25
150
15
15
17.2
13.6
10.5
5.3
5.3
6800
12
19
110
11
11
22.0
17.4
13.5
6.7
6.7
VR = 40 V DC
470
105
170
1000
70
68
6.0
4.7
3.6
1.8
1.8
680
80
135
600
53
51
7.1
5.6
4.3
2.2
2.2
1000
52
85
450
42
40
8.0
6.3
4.8
2.45
2.45
1500
36
58
300
29
28
11.0
8.7
6.7
3.35
3.35
1500
∇
33
54
300
25
24
11.5
9.1
7.0
3.5
3.5
2200
23
38
200
17
16
15.7
12.4
9.6
4.8
4.8
2200
∇
24
40
200
20
20
12.4
9.8
7.6
3.8
3.8
3300
17
27
140
14
14
17.3
13.7
10.5
5.3
5.3
4400
13
21
110
11
11
21.5
17.0
13.2
6.6
6.6
B41696, B41796
Low ESR, compact
125
°C
Page 8 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com