Electronic Components Datasheet Search
  English  ▼

X  

SPC4012UT Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC4012UT
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC4012UT Datasheet(HTML) 2 Page - Superworld Electronics

  SPC4012UT Datasheet HTML 1Page - Superworld Electronics SPC4012UT Datasheet HTML 2Page - Superworld Electronics SPC4012UT Datasheet HTML 3Page - Superworld Electronics SPC4012UT Datasheet HTML 4Page - Superworld Electronics SPC4012UT Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
19.08.2009
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPC4012UT-2R2NZF
Inductance
2.2±30%
( uH )
IDC1
( m )
0.1V/100K
90
2.00
( A )
RDC
IDC2
1.50
( A )
( Hz )
Frequency
Test
±20%
3.3±30%
0.1V/100K
130
SPC4012UT-3R3NZF
1.35
1.70
SMD POWER INDUCTORS
SPC4012UT SERIES
c) Rated Current : IDC1 or IDC2, whichever value is lower
SRF
66
( MHz )
-
Min.
Hi-Pot
100Vac, 3.0mA, 5s
Core-Winding
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com