Electronic Components Datasheet Search
  English  ▼

X  

B43693 Datasheet(PDF) 6 Page - EPCOS

Part # B43693
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43693 Datasheet(HTML) 6 Page - EPCOS

Back Button B43693 Datasheet HTML 2Page - EPCOS B43693 Datasheet HTML 3Page - EPCOS B43693 Datasheet HTML 4Page - EPCOS B43693 Datasheet HTML 5Page - EPCOS B43693 Datasheet HTML 6Page - EPCOS B43693 Datasheet HTML 7Page - EPCOS B43693 Datasheet HTML 8Page - EPCOS B43693 Datasheet HTML 9Page - EPCOS B43693 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Overview of available types
VR (V DC)
250
Case dimensions d
× l (mm)
CR (
µF)
22
14
× 30
47
18
× 30
68
18
× 39
100
21
× 39
130
21
× 49
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
250
22
14
× 30
B43693A2226Q007 B43693A2226Q009 B43793A2226Q000
47
18
× 30
B43693A2476Q007
B43793A2476Q000
68
18
× 39
B43693A2686Q007
B43793A2686Q000
100
21
× 39
B43693A2107Q007
130
21
× 49
B43693A2137Q007
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
40
°C
A
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,R
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
VR = 250 V DC
22
1400
2300
34.0
454
510
3.65
3.32
2.90
1.20
2.27
47
650
1100
16.0
222
246
5.43
4.95
4.35
1.78
3.38
68
450
750
11.0
154
171
7.36
6.71
5.90
2.41
4.58
100
300
520
7.5
102
114
10.16
9.26
8.15
3.33
6.33
130
240
400
6.0
79
88
12.89
11.75
10.35
4.23
8.03
B43693, B43793
High voltage
125
°C
Page 6 of 14
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com