Electronic Components Datasheet Search
  English  ▼

X  

SP10453R2ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SP10453R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10453R2ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SP10453R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10453R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ⅸ﹒UL CARD:
SHIELDED SMD
AR-001A
NAME
PROD.
REF :
Tensile Impact, Tensile Strength and Heat Deflection in natural color only.
r2-Virgin and Regrind from 26-50% by weight inclusive for the colors NC, and BK liave
Underwriters Laboratories Inc.
r3-Virgin and Regrind from 26-50% by weight inclusive have the same Flame and Tensile
the same Flame, and Tensile Impact characteristics.
designation on container, wrapper or finished part.
Marking:Company name or trademark
10/15/2002
lmpact characteristics.
and material
Card 8 of 9
August 31, 2002
H
___
W
Liquid Crystal Polyester (LCP), glass filled, furnished as pellets.
r1-Virgin and Regrind from 1 to 50% by weight incl. have the same Flame characleristics,
(a)-Virgin and Regrind up to 50% have the same basic characteristics.
Underwriters Laboratories Inc.
For use only in equipment where the acceptability of the combination is determined by Underwrit-
QMFZ2
NIPPON PETROCHEMICALS CO LTD
Mterial Dsg
HM-402
NC , BK
Color
Plastics-Component
Thk
Flame
mm
0.30
Class
V-0
I
Min
Report:January 5, 1988.
ers Laboratories Inc.
302279005
H7642
Mech
A
Elec
130
I
___
Imp
130
H
RTI
T
9
T
Slr
130
R
___
5
___
I
___
V
H
E91944
4
D
C
R
D11/0149909
SP1045□□□□L□-□□□
January 7, 1988
Ester-imide
Oyercoat
Marking:Company name and type designation on package or reels.
4-3 IKEJIRI ITAMI , HYOGO 664 JAPAN
See General Information Preceding These Recognitions.
ABC'S ITEM No.
ABC'S DWG No.
OBMW2
BC
Medis
MITSUBISHI CABLE INDUSTRIES LTD
Mtl
EDW-R52
Dsg
Component-Magnet Wire
Coat Typ
POWER INDUCTOR
ANSI
Type
——
Temp
Class
155
E104048 (S)
SPECIFICATION FOR APPROVAL
PAGE: 8
20091104-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com