Electronic Components Datasheet Search
  English  ▼

X  

SP10552R5M2 Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SP10552R5M2
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10552R5M2 Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SP10552R5M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10552R5M2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
QMFZ2
Plastics-Component
Mterial Dsg
HM-402
Liquid Crystal Polyester (LCP), glass filled, furnished as pellets.
the same Flame, and Tensile Impact characteristics.
Tensile Impact, Tensile Strength and Heat Deflection in natural color only.
NIPPON PETROCHEMICALS CO LTD
10/15/2002
lmpact characteristics.
designation on container, wrapper or finished part.
OBMW2
Component-Magnet Wire
302279005
Report:January 5, 1988.
ers Laboratories Inc.
MITSUBISHI CABLE INDUSTRIES LTD
See General Information Preceding These Recognitions.
SHIELDED SMD
Ⅸ﹒
UL CARD:
AR-001A
NAME
PROD.
REF :
r2-Virgin and Regrind from 26-50% by weight inclusive for the colors NC, and BK liave
Underwriters Laboratories Inc.
r3-Virgin and Regrind from 26-50% by weight inclusive have the same Flame and Tensile
Marking:Company name or trademark
and material
Card 8 of 9
August 31, 2002
r1-Virgin and Regrind from 1 to 50% by weight incl. have the same Flame characleristics,
(a)-Virgin and Regrind up to 50% have the same basic characteristics.
Underwriters Laboratories Inc.
For use only in equipment where the acceptability of the combination is determined by Underwrit-
Color
NC , BK
W
Thk
Flame
Class
V-0
mm
0.30
___
I
Min
H
H7642
Mech
Slr
130
AElec
130
I
___
Imp
130
HRTI
T
9
T
R
___
5
___
I
___
E91944
V
H
4
D
C
R
D11/0149909
SP1055□□□□2□-□□□
January 7, 1988
Ester-imide
Oyercoat
Marking:Company name and type designation on package or reels.
ABC'S ITEM No.
ABC'S DWG No.
BC
Medis
4-3 IKEJIRI ITAMI , HYOGO 664 JAPAN
Mtl
EDW-R52
Dsg
Coat Typ
POWER INDUCTOR
ANSI
Type
——
Temp
Class
155
E104048 (S)
SPECIFICATION FOR APPROVAL
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com