Electronic Components Datasheet Search
  English  ▼

X  

SP10552R0M3 Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SP10552R0M3
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10552R0M3 Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SP10552R0M3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10552R0M3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Applied current : Per spec.
Applied current : Per spec.
Temperature : 85±2℃
Time : 500 hours
Time : 500 hours
Humidity : 90 ~ 95%
Temperature : 40±2℃
15 minutes
15 minutes
Total : 50 cycles
Room temp.
Room temp.
AR-001A
Resistance test
High temp.
Humidity
Resistance test
( Temp. cycle )
Thermal shock test
not change more
Inductance shall
than ±20%
30 minutes
30 minutes
85±2 ℃
-25±2 ℃
Flux : Rosin
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Preheat : 150±25
for 60 seconds
℃
Dip time : 4±1 seconds
Solder temp. : 235±5℃
ABC'S ITEM No.
ABC'S DWG No.
SPECIFICATION FOR APPROVAL
SHIELDED SMD
POWER INDUCTOR
Ⅷ﹒
RELIABILITY TEST:
Solderability
NAME
PROD.
Test item
terminal electrode
With fresh solder.
More than 90% of the
Shall be covered
Specification
REF :
SP1055□□□□3□-□□□
Test condition
PAGE: 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com