Electronic Components Datasheet Search
  English  ▼

X  

SP10554R3ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SP10554R3ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10554R3ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SP10554R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10554R3ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
400 m/m min.
no component
Unit:m/m
T
30.4
SP1055□□□□L□-□□□
Embossed carrier
G
no component
( 2 ) Dimensions
Style
13 - 24
200 m/m min.
SP1055
Series
( 3 ) Q'TY & G.W. Per package
AR-001A
End
G.W. (gw)
Q'TY (pcs)
600
700
13 - 24
Style
21±0.8
Inner : Reel
A
330
BC
13±0.5
G.W. (Kg)
Q'TY (pcs)
2,400
6.50
40 x 40 x 24
Size (cm)
+0
Outer : Carton
D
24
G
26
N
-0
50
4 m/m
User direction of feed
Components
1R4
1R4
1R4
Leader
P:16 m/m
1R4
1R4
Trailer
Carrier tape width : D
※
SHIELDED SMD
Ⅶ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
PROD.
NAME
REF :
ABC'S ITEM No.
T
2.0±0.5
C
∮
POWER INDUCTOR
ABC'S DWG No.
SPECIFICATION FOR APPROVAL
Start
D
Cover Tape
PAGE: 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com