Electronic Components Datasheet Search
  English  ▼

X  

SP1055R80ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SP1055R80ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP1055R80ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SP1055R80ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP1055R80ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
@ DC Current VS Temperature Rise
SHIELDED SMD
AR-001A
△℃
25
0
0
75
50
100
0
0
25
50
75
100
△℃
0
50
0
0
25
100
75
△℃
0
0
50
25
100
75
△℃
75
25
0
50
100
△℃
PROD.
NAME
REF :
8R8
2.5
5
7.5
A
10
510
5R7
15
20 A
0
0
25
2.5
50
75
100
△℃
57.5
7R2
A
10
SP1055□□□□L□-□□□
30
20
10
10
40 A
30
20
0
510
3R2
15
20 A
10
20
1R4
30
A
40
50
0
0
25
5
100
75
△℃
10
15
4R3
0
0
50
25
5
100
75
△℃
10
15
2R2
ABC'S ITEM No.
ABC'S DWG No.
SPECIFICATION FOR APPROVAL
R36
POWER INDUCTOR
75
25
0
50
100
△℃
R80
A
40
A
20
A
20
PAGE: 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com