Electronic Components Datasheet Search
  English  ▼

X  

SQ45321R5ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ45321R5ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ45321R5ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ45321R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ45321R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
17.0
60
796K
60
58
58
60
60
10.0
14.0
11.0
11.0
15.0
1M
1M
1M
1M
42
50
55
50
48
45
48
22.0
19.0
18.0
20.0
28.0
26.0
30.0
1.300
1.600
2.100
1.500
0.600
0.900
1.100
0.700
0.420
0.500
0.300
4.70
5.60
6.80
1.50
1.80
2.20
1.00
3.30
3.90
2.70
Inductance
SQ45321R0ML□
DWG No.
( µH )
130.0
1M
42
1M
1M
1M
1M
1M
1M
1M
1M
36
36
40
36
40
40
45
45
41.0
37.0
45.0
54.0
80.0
58.0
63.0
100.0
1M
40
165.0
0.090
0.180
0.200
0.140
0.150
0.110
0.120
0.130
0.100
0.080
( Hz )
Test Freq
ref.
Q
nom.
(MHz)
SRF
max.
( Ω )
RDC
SQ45321R5ML□
SQ45321R8ML□
SQ45322R2ML□
SQ45324R7ML□
SQ45323R9ML□
SQ45323R3ML□
SQ45322R7ML□
SQ45325R6ML□
SQ4532330KL□
SQ4532270KL□
SQ4532220KL□
SQ4532180ML□
SQ4532150ML□
SQ4532120ML□
SQ4532100ML□
SQ45328R2ML□
SQ45326R8ML□
SQ4532101KL□
SQ4532121KL□
SQ4532820KL□
SQ4532680KL□
SQ4532560KL□
SQ4532470KL□
SQ4532390KL□
SQ4532221KL□
SQ4532181KL□
SQ4532151KL□
60
120.00
55
55
180.00
150.00
7.0
8.5
45
220.00
LQ
1M
1M
1M
1M
1M
1M
1M
1M
796K
796K
796K
796K
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
(mA)max.
T=20
△℃
Irms 1
(mA)max.
T=40
△℃
Irms 2
6.3
2.200
5.400
4.500
3.700
3.000
2.500
1400
460
180
145
130
165
285
200
215
230
270
330
310
360
940
920
750
650
570
700
860
780
1300
1350
1250
1000
960
1200
680
270
185
220
200
240
410
330
300
385
390
520
430
630
1320
1000
800
730
950
1180
1100
1240
1500
1400
1700
1600
1750
1800
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
11.500
AE-001A
SPECIFICATION FOR APPROVAL
ELECTRICAL CHARACTERISTICS
Ⅴ﹒
:
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
0.250
34.0
1M
36
8.20
10.00
12.00
22.00
18.00
27.00
39.00
47.00
56.00
33.00
15.00
82.00
100.00
68.00
3) Irms1 Based on Temperature rise
T=20
max.
△℃
4) Irms2 Based on Temperature rise
T=40
max.
△℃
5) Inductance drop 10% max. at rated Irms
270.00
SQ4532271KL□
8.000
50
1M 796K
6.0
110
140
330.00
SQ4532331KL□
55
1M 796K
5.8
100
120
470.00
390.00
SQ4532471KL□
SQ4532391KL□
14.200
13.000
50
50
1M
1K
796K
796K
5.2
5.0
95
85
110
105
820.00
1000.00
680.00
560.00
SQ4532821KL□
SQ4532102KL□
SQ4532681KL□
SQ4532561KL□
20.000
30.000
16.800
15.500
1K
50
30
1K
45
53
1K
1K
2.8
796K
252K
2.5
796K
796K
4.5
3.5
70
60
80
75
85
70
100
90
1500.00
1200.00
SQ4532152KL□
SQ4532122KL□
38.500
33.500
2.0
252K
1K
35
30
1K
252K
2.3
55
40
45
60
1800.00
2200.00
SQ4532182KL□
SQ4532222KL□
44.000
63.000
35
30
1K
1K
252K
252K
1.6
1.8
30
35
40
50
9.0
SMD POWER INDUCTOR
1) □ Packaging information… A Bulk B Taping reel
::
:
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
□
□ □
SQ4532□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com