Electronic Components Datasheet Search
  English  ▼

X  

B57464 Datasheet(PDF) 9 Page - EPCOS

Part # B57464
Description  NTC thermistors for inrush current limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57464 Datasheet(HTML) 9 Page - EPCOS

Back Button B57464 Datasheet HTML 5Page - EPCOS B57464 Datasheet HTML 6Page - EPCOS B57464 Datasheet HTML 7Page - EPCOS B57464 Datasheet HTML 8Page - EPCOS B57464 Datasheet HTML 9Page - EPCOS B57464 Datasheet HTML 10Page - EPCOS B57464 Datasheet HTML 11Page - EPCOS B57464 Datasheet HTML 12Page - EPCOS B57464 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Wave soldering
Temperature characteristic at component terminal with dual wave soldering
2
Robustness of terminations
The leads meet the requirements of IEC 60068-2-21. They may not be bent closer than 4 mm
from the solder joint on the thermistor body or from the point at which they leave the feed-
throughs. During bending, any mechanical stress at the outlet of the leads must be removed. The
bending radius should be at least 0.75 mm.
Tensile strength:
Test Ua1:
Leads
0.50 <
∅ ≤0.80 mm = 10.0 N
0.80 <
∅ ≤1.25 mm = 20.0 N
Bending strength: Test Ub:
Two 90
°-bends in opposite directions at a weight of 0.25 kg.
Torsional strength: Test Uc: severity 2
The lead is bent by 90
° at a distance of 6 to 6.5 mm from the thermistor body.
The bending radius of the leads should be approx. 0.75 mm. Two torsions of
180
° each (severity 2).
Inrush current limiters
B57464
ICLs
S464
Page 9 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com