Electronic Components Datasheet Search
  English  ▼

X  

B57540G Datasheet(PDF) 13 Page - EPCOS

Part # B57540G
Description  NTC thermistors for temperature measurement
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57540G Datasheet(HTML) 13 Page - EPCOS

Back Button B57540G Datasheet HTML 9Page - EPCOS B57540G Datasheet HTML 10Page - EPCOS B57540G Datasheet HTML 11Page - EPCOS B57540G Datasheet HTML 12Page - EPCOS B57540G Datasheet HTML 13Page - EPCOS B57540G Datasheet HTML 14Page - EPCOS B57540G Datasheet HTML 15Page - EPCOS B57540G Datasheet HTML 16Page - EPCOS B57540G Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
The components should be left in the original packing. Touching the metallization of unsoldered
thermistors may change their soldering properties.
Storage temperature:
25
°C up to 45 °C
Relative humidity (without condensation):
≤75% annual mean
<95%, maximum 30 days per annum
Solder the thermistors listed in this data book after shipment from EPCOS within the time speci-
fied:
SMDs:
12 months
Leaded components:
24 months
Temperature measurement
B57540G, B57540G1
Glass-encapsulated sensors
G540/G1540
Page 13 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com