Electronic Components Datasheet Search
  English  ▼

X  

SR09062R2ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SR09062R2ML
Description  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR09062R2ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SR09062R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR09062R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
155,
MW-80,
Nylon
Polyurechane
Polysol-N 155
PN155
Amldester 200
200
MW-74
A200
Polyesterimide
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
AR-001A
Polysol P155p
Polysol 170
Polysol-N 180
Polysol 155
Polysol 155p
Polysol 160
Polysol 180
Polysol 155g
P170 or G170
P155p
PN180
Polyurechane
Polyurechane
Pg155
P180,G180
Pp155,Gp155
P160
P155, G155
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
MW-79
____
Nylon
MW-79
MW-83
MW-79
____
____
____
____
____
MW-75
MW-79
MW-82
MW-79
MW-79,
MW-28
MW-75
155
155
180
155
130
155
180
155
155,
130
130
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
Magnet Wire-Comporent
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Estersol 180
Mtl Dsg
OBMW2
PROD.
NAME
REF : 20080801-A
Coating Type
October 06, 2005
Mark Dsg
E180
BC
(solderable)
Polyesterimide
OC
____
____
Typ
MW-77
ANSI
ABC'S ITEM NO.
ABC'S DWG NO.
Class
180
Temp
E143312
SR0906□□□□L□-□□□
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com