Electronic Components Datasheet Search
  English  ▼

X  

B57541G Datasheet(PDF) 5 Page - EPCOS

Part # B57541G
Description  NTC thermistors for temperature measurement
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57541G Datasheet(HTML) 5 Page - EPCOS

  B57541G Datasheet HTML 1Page - EPCOS B57541G Datasheet HTML 2Page - EPCOS B57541G Datasheet HTML 3Page - EPCOS B57541G Datasheet HTML 4Page - EPCOS B57541G Datasheet HTML 5Page - EPCOS B57541G Datasheet HTML 6Page - EPCOS B57541G Datasheet HTML 7Page - EPCOS B57541G Datasheet HTML 8Page - EPCOS B57541G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R/T No.
7002
7003
8304
T (
°C)
B25/100 = 3988 K
B25/100 = 3625 K
B25/100 = 4092 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
160.0
0.014679
2.2
0.021665
2.0
0.012967
2.3
165.0
0.013149
2.2
0.019613
2.0
0.011566
2.3
170.0
0.011806
2.1
0.017793
1.9
0.010341
2.2
175.0
0.010623
2.1
0.016176
1.9
0.0092664
2.2
180.0
0.0095804
2.0
0.014735
1.8
0.0083224
2.1
185.0
0.0086582
2.0
0.013448
1.8
0.0074907
2.1
190.0
0.0078408
2.0
0.012297
1.8
0.0067564
2.0
195.0
0.0071148
1.9
0.011265
1.7
0.0061064
2.0
200.0
0.0064685
1.9
0.010338
1.7
0.0055299
2.0
205.0
0.005892
1.8
0.009504
1.7
0.0050175
1.9
210.0
0.0053767
1.8
0.0087516
1.6
0.0045611
1.9
215.0
0.0049152
1.8
0.0080718
1.6
0.0041537
1.9
220.0
0.0045011
1.7
0.0074567
1.6
0.0037895
1.8
225.0
0.0041287
1.7
0.0068989
1.5
0.0034631
1.8
230.0
0.0037934
1.7
0.0063925
1.5
0.0031701
1.8
235.0
0.0034908
1.6
0.0059318
1.5
0.0029067
1.7
240.0
0.0032173
1.6
0.005512
1.5
0.0026693
1.7
245.0
0.0029697
1.6
0.005129
1.4
0.0024551
1.7
250.0
0.0027451
1.6
0.004779
1.4
0.0022615
1.6
255.0
0.0025412
1.5
0.0044586
1.4
0.0020862
1.6
260.0
0.0023556
1.5
0.004165
1.4
0.0019273
1.6
265.0
0.0021865
1.5
0.0038955
1.3
0.0017829
1.5
270.0
0.0020323
1.5
0.0036478
1.3
0.0016516
1.5
275.0
0.0018913
1.4
0.0034199
1.3
0.0015319
1.5
280.0
0.0017623
1.4
0.0032098
1.3
0.0014228
1.5
285.0
0.0016441
1.4
0.003016
1.2
0.0013231
1.4
290.0
0.0015357
1.4
0.002837
1.2
0.0012319
1.4
295.0
0.001436
1.3
0.0026714
1.2
0.0011483
1.4
300.0
0.0013444
1.3
0.002518
1.2
0.0010716
1.4
Temperature measurement
B57541G, B57541G1
Glass-encapsulated sensors with insulation
G541/G1541
Page 5 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com