Electronic Components Datasheet Search
  English  ▼

X  

MAX3161 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3161
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3161 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3161 Datasheet HTML 9Page - Maxim Integrated Products MAX3161 Datasheet HTML 10Page - Maxim Integrated Products MAX3161 Datasheet HTML 11Page - Maxim Integrated Products MAX3161 Datasheet HTML 12Page - Maxim Integrated Products MAX3161 Datasheet HTML 13Page - Maxim Integrated Products MAX3161 Datasheet HTML 14Page - Maxim Integrated Products MAX3161 Datasheet HTML 15Page - Maxim Integrated Products MAX3161 Datasheet HTML 16Page - Maxim Integrated Products MAX3161 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
______________________________________________________________________________________
13
Test Circuits (continued)
CL
VCC
OUTPUT
UNDER TEST
S1
S2
500
Ω
Figure 4. RS-485/422 Driver Enable/Disable Timing Test Load
DI
3V
0
Z
Y
VO
0
-VO
VO
1.5V
tDPLH
1/2 VO
10%
TDR
90%
90%
tDPHL
1.5V
1/2 VO
10%
TDF
VDIFF = Vy - Vz
VDIFF
tDSKEW = | tDPLH - tDPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0
Y, Z
VOL
Y, Z
0
1.5V
1.5V
VOL +0.5V
VOH -0.5V
2.3V
2.3V
tDZL
tDLZ
tDZH
tDHZ
DE485
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0
VCC
RO
RO
0
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
1.5V
1.5V
tRZL
tRLZ
tRZH
tRHZ
RE485
Figure 5. RS-485/422 Driver Propagation Delays
Figure 6. RS-485/422 Driver Enable and Disable Times
VOH
VOL
A
B
1V
-1V
VCC/2
VCC/2
OUTPUT
INPUT
RO
tRPLH
tRPHL
VID
CL
A
B
R
RO
Figure 7. RS-485/422 Receiver Propagation Delays
Figure 9. RS-485/422 Receiver Propagation Delays Test Circuit
Figure 8. MAX3162 RS-485/422 Receiver Enable and Disable
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com