Electronic Components Datasheet Search
  English  ▼

X  

SR0604100ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SR0604100ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0604100ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SR0604100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
AR-001A
100
1
102
DC Current (mA)
3
5
10
7
2
5
3
27
3
10
10
2 37
5
4
SPECIFICATION FOR APPROVAL
5
3
7
3
5
10
2
1
10
7
5
2
3
2
100
3R3
330
121
391
SMD POWER INDUCTOR
Ⅵ﹒INDUCTANCE VS. DC CURRENT CURVE:
10
7
3
REF : 20090728-B
NAME
PROD.
ABC'S DWG NO.
ABC'S ITEM NO.
SR0604□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com