Electronic Components Datasheet Search
  English  ▼

X  

SS06031R5ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS06031R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS06031R5ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS06031R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS06031R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS
Ⅴ﹒
:
RDC
(Ω)
max
max
IDC
(A)
DWG No.
(uH)
Inductance
Test Freq.
(Hz)
SS06031R5ML□
3.3±20%
1000.0±10%
0.055
1.80
10.0±20%
100.0±10%
4.7±20%
6.8±20%
15.0±20%
22.0±20%
33.0±10%
47.0±10%
68.0±10%
150.0±10%
220.0±10%
330.0±10%
470.0±10%
680.0±10%
0.070
1.60
0.100
1.20
0.90
0.180
0.120
1.10
0.50
0.430
0.550
0.900
0.40
0.30
0.270
0.60
0.70
4.200
0.15
14.000
0.10
0.12
1.900
2.700
1.500
0.20
0.18
0.25
6.700
10.500
0.040
2.00
REF :
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
AE-001A
PROD.
NAME
1). □ Packaging information… A Bulk B Taping Reel
::
:
POWER INDUCTOR
SHIELDED SMD
1K
0.032
2.20
1.5±20%
2.5±20%
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
1K
SS06032R5ML□
SS06033R3ML□
SS06034R7ML□
SS06036R8ML□
SS0603100ML□
SS0603150ML□
SS0603220ML□
SS0603330KL□
SS0603470KL□
SS0603680KL□
SS0603101KL□
SS0603151KL□
SS0603331KL□
SS0603471KL□
SS0603221KL□
SS0603681KL□
SS0603102KL□
DC Current (mA)
1
10
10 0
1
10
2
3
2
7
5
35
10
7
2
1R5
100
2
3
2
10
5
7
3
2
5
7
10 3
101
102
10
23
5 7
3
23
5
10
7
4
@ Inductance VS. DC Superposition Characteristics
SS0603□□□□L□-□□□
2)."-
":Reference code
□
□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com