Electronic Components Datasheet Search
  English  ▼

X  

SS06032R5ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS06032R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS06032R5ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS06032R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS06032R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF :
PAGE: 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
CONFIGURATION & DIMENSIONS
Ⅰ﹒
:
SCHEMATIC DIAGRAM
Ⅱ﹒
:
MATERIALS
Ⅲ﹒
:
aCoreFerrite DR core
﹒:
c Wire Enamelled copper wire
class F
﹒:
(
)
eBaseLCP E4008
﹒:
dTerminalCu/Ni/Sn
﹒:
fAdhesive Epoxy resin
﹒:
A
E
H
c Storage Temp. -40
~ +125
﹒:
℃
℃
b Rated Current Base on temp. rise
﹒:
GENERAL SPECIFICATION
Ⅳ﹒
:
a Temp. Rise 40
max.
﹒: ℃
d Operating Temp. -40
~ +105
﹒:
℃
℃
e Resistance to solder heat
260 . 10 secs.
﹒:
℃
1 0 1
A
6.5±0.3
:
B
6.5±0.3
:
C
3.1±0.3
:
E
1.6±0.2
:
D
0.8
:
F
5.0 typ.
:
G
4.3 ref.
:
H
2.5 ref.
:
I
1.5 ref.
:
m/m
( PCB Pattern )
Inductance code
Marking
AE-001A
SPECIFICATION FOR APPROVAL
+0.2
- 0.3
POWER INDUCTOR
SHIELDED SMD
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
b Core Ferrite RI core
﹒:
a
b
c
f
d
e
g Remark Lead content 200ppm max.
﹒:
include ferrite
&
L / LOA=10% max.
△
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
Time ( seconds )
50
50
0
100
150
250
200
100
150
+4.0
/ sec max.
℃
Max time above 200
70sec max.
℃:
Max time above 230
50sec max.
℃:
Peak Temp 260
max.
:℃
Temperature
Rising Area
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
Peak Temperature:
200
250
260
℃
70sec max.
50sec max.
230
℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
SS0603□□□□L□-□□□


Similar Part No. - SS06032R5ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0604100ML ABC-SS0604100ML Datasheet
494Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0604101KL ABC-SS0604101KL Datasheet
494Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0604102KL ABC-SS0604102KL Datasheet
494Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0604150ML ABC-SS0604150ML Datasheet
494Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0604151KL ABC-SS0604151KL Datasheet
494Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS06032R5ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com