Electronic Components Datasheet Search
  English  ▼

X  

MAX4145 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4145
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4145 Datasheet HTML 1Page - Maxim Integrated Products MAX4145 Datasheet HTML 2Page - Maxim Integrated Products MAX4145 Datasheet HTML 3Page - Maxim Integrated Products MAX4145 Datasheet HTML 4Page - Maxim Integrated Products MAX4145 Datasheet HTML 5Page - Maxim Integrated Products MAX4145 Datasheet HTML 6Page - Maxim Integrated Products MAX4145 Datasheet HTML 7Page - Maxim Integrated Products MAX4145 Datasheet HTML 8Page - Maxim Integrated Products MAX4145 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Voltage on IN_, SHDN, REF, OUT,
SENSE, RG_.................................(VEE - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration to Ground ........................................10sec
Input Current (IN_, RG_)...................................................±10mA
Output Current................................................................±120mA
Continuous Power Dissipation (TA = +70°C)
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
16-Pin QSOP (derate 8.33mW/°C above +70°C).........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Differential Input Resistance
RIN
1
MΩ
Input Capacitance
CIN
1
pF
Input Offset Current
IOS
0.1
3
µA
Differential Input Voltage Range
-1.55
1.55
-2.8/G
2.8/G
V
-3.1/G
3.1/G
Common-Mode Input Voltage
Range
VCM
-2.8
2.8
V
Input Offset Voltage Drift
Operating Supply Voltage
±4.5
±5.5
V
TCVOS
5
µV/°C
Input Bias Current
IB
930
µA
2
Gain
AV
1 + (1.4kΩ/RG)
V/V
10 + (14kΩ/RG)
0.02
2
0.5
3
Gain Error
1.5
5
%
0.5
3
1.5
5
20
Gain Drift
5 + 15G
ppm/°C
14 + 0.9G
Common-Mode Rejection
CMR
60
80
dB
Power-Supply Rejection
PSR
70
85
dB
-1V ≤ VOUT ≤ +1V,
RL = 150Ω
VIN = 0V
RL = 150Ω
Guaranteed by CMR test
-1V ≤ VOUT
≤ +1V,
RL = 150Ω
VIN = 0V
-1V ≤ VOUT ≤ +1V,
RL = 150Ω
VIN = 0V
VS = ±4.5V to ±5.5V
MAX4144
MAX4145
MAX4146
VCM = ±2.8V
CONDITIONS
MAX4144
MAX4145
MAX4144
MAX4145
MAX4146
MAX4146
AV = 1V/V
AV = 10V/V
AV = 10V/V
Guaranteed by PSR test
AV = 100V/V
MAX4144
MAX4145
MAX4146
Quiescent Supply Current
11
16
mA
Shutdown Supply Current
ISHDN
0.8
2
mA
Shutdown Output Impedance
1.4
1.4
kΩ
2
±3.6
Output Voltage Swing
VOUT
±3.1
±3.7
V
±3.4
±3.8
RL = 100Ω
RL = 150Ω
VSHDN ≥ 2V
VSHDN ≥ 2V
RL = ∞
MAX4144
MAX4145
MAX4146
AV = 2V/V
Input Offset Voltage
VOS
0.6
9
mV
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com