Electronic Components Datasheet Search
  English  ▼

X  

B59053 Datasheet(PDF) 1 Page - EPCOS

Part # B59053
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 1 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS B59053 Datasheet HTML 4Page - EPCOS B59053 Datasheet HTML 5Page - EPCOS B59053 Datasheet HTML 6Page - EPCOS B59053 Datasheet HTML 7Page - EPCOS B59053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PTC thermistors as heating elements
Metallized round disks, 230 V,
∅ = 8 mm
Series/Type:
B59053
Date:
November 2009
© EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59053 EPCOS-B59053 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59053 EPCOS-B59053 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59053A0050A010 EPCOS-B59053A0050A010 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59053A0070A010 EPCOS-B59053A0070A010 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
B59053A0090A010 EPCOS-B59053A0090A010 Datasheet
76Kb / 3P
Heating Elements Metallized Round Disks, 230 V
More results

Similar Description - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
PTC thermistors as point level sensors
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
PTC thermistors as limit temperature sensors
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
PTC thermistors as heating elements
logo
Vishay Siliconix
PTCHP12S VISHAY-PTCHP12S Datasheet
62Kb / 2P
PTC Thermistors for Heating Application
26-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com