Electronic Components Datasheet Search
  English  ▼

X  

MAX5232 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5232
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5232 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5232 Datasheet HTML 10Page - Maxim Integrated Products MAX5232 Datasheet HTML 11Page - Maxim Integrated Products MAX5232 Datasheet HTML 12Page - Maxim Integrated Products MAX5232 Datasheet HTML 13Page - Maxim Integrated Products MAX5232 Datasheet HTML 14Page - Maxim Integrated Products MAX5232 Datasheet HTML 15Page - Maxim Integrated Products MAX5232 Datasheet HTML 16Page - Maxim Integrated Products MAX5232 Datasheet HTML 17Page - Maxim Integrated Products MAX5232 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Applications Information
Definitions
Integral Nonlinearity (INL)
Integral nonlinearity (Figure 6a) is the deviation of the val-
ues on an actual transfer function from a straight line.
This straight line can be either a best-straight-line fit
(closest approximation to the actual transfer curve) or a
line drawn between the endpoints of the transfer func-
tion, once offset and gain errors have been nullified. For
a DAC, the deviations are measured at every single step.
Differential Nonlinearity (DNL)
Differential nonlinearity (Figure 6b) is the difference
between an actual step height and the ideal value of
1LSB. If the magnitude of the DNL is less than 1LSB, the
DAC guarantees no missing codes and is monotonic.
Offset Error
The offset error (Figure 6c) is the difference between
the ideal and the actual offset point. For a DAC, the off-
set point is the step value when the digital input is zero.
This error affects all codes by the same amount and
can usually be compensated for by trimming.
Gain Error
Gain error (Figure 6d) is the difference between the
ideal and the actual full-scale output voltage on the
transfer curve, after nullifying the offset error. This error
alters the slope of the transfer function and corre-
sponds to the same percentage error in each step.
Settling Time
The settling time is the amount of time required from the
start of a transition, until the DAC output settles to its new
output value within the converter’s specified accuracy.
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
14
______________________________________________________________________________________
0
2
1
4
3
7
6
5
000
010
001
011
100
101
110
AT STEP
011 (1/2LSB )
AT STEP
001 (1/4LSB )
111
DIGITAL INPUT CODE
Figure 6a. Integral Nonlinearity
0
2
1
4
3
6
5
000
010
001
011
100
101
DIFFERENTIAL LINEARITY
ERROR (-1/4LSB)
DIFFERENTIAL
LINEARITY ERROR (+1/4LSB)
1LSB
1LSB
DIGITAL INPUT CODE
Figure 6b. Differential Nonlinearity
0
2
1
3
000
010
001
011
ACTUAL
DIAGRAM
IDEAL DIAGRAM
ACTUAL
OFFSET
POINT
OFFSET ERROR
(+1 1/4LSB)
IDEAL OFFSET
POINT
DIGITAL INPUT CODE
Figure 6c. Offset Error
0
5
4
6
7
000
101
100
110
111
IDEAL DIAGRAM
GAIN ERROR
(-1 1/4LSB)
IDEAL FULL-SCALE OUTPUT
ACTUAL
FULL-SCALE
OUTPUT
DIGITAL INPUT CODE
Figure 6d. Gain Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com