Electronic Components Datasheet Search
  English  ▼

X  

B65525 Datasheet(PDF) 3 Page - EPCOS

Part # B65525
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65525 Datasheet(HTML) 3 Page - EPCOS

  B65525 Datasheet HTML 1Page - EPCOS B65525 Datasheet HTML 2Page - EPCOS B65525 Datasheet HTML 3Page - EPCOS B65525 Datasheet HTML 4Page - EPCOS B65525 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Zenite 7130® [E41938 (M)], E I DUPONT DE NEMOURS & CO INC
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245 °C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255 °C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see “Processing notes”, page 10
Yoke
Material: Stainless spring steel (0.15 mm)
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
1
3.3
21.6
225
10
B65526B1010T001
Yoke
B65526A2000X000
8,6
4,3+0,1
1
2
3
4
5
6
7
8
9
10
1,5
Empfehlung für das
Leiterplattenlayout
Markierung
für Stift 1
B
A
7,4
0,1
ø5,2 _
6,2
_
9,3 0,2
0,3
12,3 _
Recommended
PCB layout
Marking of pin 1
Coil former
Yoke
FEK0414-C
5,7±0,1
Section A-B
11,2
1,4±0,1
2,5
5
B
A
FEK0285-N
8,6
4,3+0,1
1
2
3
4
5
6
7
8
9
10
13,2
1,5
Empfehlung für das
Leiterplattenlayout
für Stift 1
B
A
7,4
0,3
12,3 _
Recommended
PCB layout
Marking of pin 1
B65526
Accessories
ER 11/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com