Electronic Components Datasheet Search
  English  ▼

X  

B65841 Datasheet(PDF) 3 Page - EPCOS

Part # B65841
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65841 Datasheet(HTML) 3 Page - EPCOS

  B65841 Datasheet HTML 1Page - EPCOS B65841 Datasheet HTML 2Page - EPCOS B65841 Datasheet HTML 3Page - EPCOS B65841 Datasheet HTML 4Page - EPCOS B65841 Datasheet HTML 5Page - EPCOS B65841 Datasheet HTML 6Page - EPCOS B65841 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
10/09
Please read Cautions and warnings and
Important notes at the end of this document.
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
N45
1600 +30/–20%
2160
B65841A0000R045
T571)
1600 +30/–20%
2160
B65841A0000R057
N30
2000 +30/–20%
2700
B65841A0000R030
T65
2900 +30/–20%
3920
B65841A0000R065
T38
4800 +40/–30%
6490
B65841A0000Y038
T66
6000 +40/–30%
8100
B65841A0000Y066
N87
1100 +30/–20%
1480
< 0.1 (200 mT, 100 kHz, 100 °C)
B65841A0000R087
1) Preliminary data
B65841
Core
EP 10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com