Electronic Components Datasheet Search
  English  ▼

X  

SS7045390ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SS7045390ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS7045390ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SS7045390ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
AR-001A
Series
SS7045
13 - 16
STYLE
18
1.84
G.W. (Kg)
Outer : Carton
G.W. (gw)
Q'TY (pcs)
1,000
255
Inner : Reel
Q'TY (pcs)
Style
6,000
13 - 16
User direction of feed
330
A
21±0.8
B
13±0.5
C
16
D
Size (cm)
40 x 40 x 24
22.4
Unit:m/m
-0
N
50
+0
GT
SHIELDED SMD
Ⅵ﹒PACKAGING INFORMATION:
( 1 ) Configuration
Leader
no component
360 m/m min.
End
NAME
PROD.
REF : 20090814-C
Embossed Carrier
Carrier Tape Width : D
※
220
Components
220
220
P:12 m/m
C
∮
G
4 m/m
Start
400 m/m min.
no component
Trailer
220
D
ABC'S ITEM NO.
ABC'S DWG NO.
2.0±0.5
T
POWER INDUCTOR
Cover Tape
SS7045□□□□L□-□□□
PAGE: 4
SPECIFICATION FOR APPROVAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com