Electronic Components Datasheet Search
  English  ▼

X  

SS7045330ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS7045330ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS7045330ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS7045330ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS7045330ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
F :
4.00 typ.
A :
7.00±0.3
E :
1.50 typ.
D :
2.00 typ
C :
4.50±0.3
B :
7.00±0.3
SS7045□□□□L□-□□□
a﹒Core:Ferrite DR core
c﹒Wire:Enamelled copper wire (class F)
d﹒Terminal:Cu/Ni+Sn
e
Ⅲ﹒MATERIALS LIST:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF : 20090814-C
SHIELDED SMD
ABC'S ITEM NO.
ABC'S DWG NO.
a
b
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
e﹒Base:LCP Base
d
220
A
D
f﹒Adhesive:Epoxy resin
b﹒Core:Ferrite RI core
c
POWER INDUCTOR
Ⅳ﹒ELECTRICAL CHARACTERISTICS:
d﹒Ressistance to solder heat:260℃ . 10 secs.
c﹒Operating temp.:-40℃----+105℃
b﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :30℃ max.
(PCB Pattern)
G
G :
2.40 ref.
J :
4.20 ref.
I :
1.80 ref.
H :
7.80 ref.
AR-001A
m/m
m/m
m/m
m/m
SPECIFICATION FOR APPROVAL
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
Time ( seconds )
50
50
0
100
150
250
200
100
150
+4.0
/ sec max.
℃
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
Rising Area
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
P eak Temperature:
200
250
260
℃
70sec max.
50sec max.
230
℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
g﹒Remark:Products comply with RoHS'
requirements


Similar Part No. - SS7045330ML

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS70100-041F BEL-SS70100-041F Datasheet
272Kb / 3P
MODULAR JACKS
logo
ABC Taiwan Electronics ...
SS7032100ML ABC-SS7032100ML Datasheet
141Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS7032101ML ABC-SS7032101ML Datasheet
141Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS7032102ML ABC-SS7032102ML Datasheet
141Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS7032150ML ABC-SS7032150ML Datasheet
141Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS7045330ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com