Electronic Components Datasheet Search
  English  ▼

X  

GL1501 Datasheet(PDF) 2 Page - Transys Electronics

Part # GL1501
Description  IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

GL1501 Datasheet(HTML) 2 Page - Transys Electronics

  GL1501 Datasheet HTML 1Page - Transys Electronics GL1501 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
GL1500 THRU GL3500
Fig. 1-TYPICAL INSTANTANEOUS FORWARD
Fig. 2-OUTPUT CURRENT VS. CASE TEMPERATURE
CHARACTERISTICS AT TJ=25
RESISTIVE OR INDUCTIVE LOAD TJ=175
Fig. 3-OUTPUT CURRENT VS. AMBIENT
Fig. 4-POWER DISSIPATION VS. AVERAGE OUTPUT
TEMPERATURE RESISTIVE OR
CURRENT RESISTIVE OR INDUCTIVE LOAD,
INDUCTIVE LOAD BRIDGE MOUNTED
TJ=175
ON A8”×8” ALUMINUM PLATE 25” THICK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com