Electronic Components Datasheet Search
  English  ▼

X  

B65859 Datasheet(PDF) 2 Page - EPCOS

Part # B65859
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65859 Datasheet(HTML) 2 Page - EPCOS

  B65859 Datasheet HTML 1Page - EPCOS B65859 Datasheet HTML 2Page - EPCOS B65859 Datasheet HTML 3Page - EPCOS B65859 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ For xDSL line transformers
■ Outer dimensions of EP10
■ Optimized design for low distortion
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 1.37 mm–1
le
= 21.7 mm
Ae
= 15.9 mm2
Amin = 13.2 mm2
Ve
= 345 mm3
Approx. weight 2.8 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
T38
63
±3%
0.31
68
B65859A0063A038
100
±3%
0.20
109
B65859A0100A038
160
±5%
0.12
174
B65859A0160J038
200
±6%
0.10
217
B65859A0200C038
250
±7%
0.08
271
B65859A0250E038
T57
63
±3%
0.31
68
B65859A0063A057
100
±3%
0.20
109
B65859A0100A057
160
±5%
0.12
174
B65859A0160J057
200
±6%
0.10
217
B65859A0200C057
250
±7%
0.08
271
B65859A0250E057
Material
AL value
nH
µ
e
Ordering code
T57
2000 +30/–20%
2170
B65859A0000R057
T38
6100 +40/–30%
6630
B65859A0000Y038
0.6
11.8
3.45
9.1+0.4
0.3
4.97 min.
_
_
gapped (one-sided)
∗)
FEP0014-G-E
B65859
Core
EPX 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com