Electronic Components Datasheet Search
  English  ▼

X  

SW160824NJL Datasheet(PDF) 9 Page - ABC Taiwan Electronics Corp

Part # SW160824NJL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW160824NJL Datasheet(HTML) 9 Page - ABC Taiwan Electronics Corp

  SW160824NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW160824NJL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
130
MW-79
Polyurechane
Pg155
Polyurechane
Pp155,Gp155
____
MW-79
155
Polysol 155p
Polysol 155g
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
Polysol-N 180
AR-001A
Polysol 160
Polysol 180
Polysol 170
MW-79
MW-79
MW-79
____
Polyurechane
Polyurechane
Polyurechane
Polyurechane
P170 or G170
PN180
P160
P180
____
____
____
Nylon
180
155
156
155
SPECIFICATION FOR APPROVAL
Polysol-N 155
Amldester 200
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Ⅹ﹒UL CARD:
Magnet Wire-Comporent
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
WOUND CHIP INDUCTOR
PROD.
Polysol 155
Estersol 160
Mtl Dsg
OBMW2
NAME
REF : 20090828-C
ABC'S DWG NO.
ANSI
Typ
MW-74
MW-77
MW-79,
MW-79
MW-28
MW-80,
Coating Type
Polyurechane
Polyurechane
(solderable)
Polyesterimide
Polyesterimide
PN155
P155
A200
E180
Mark Dsg
BC
____
____
____
____
Nylon
OC
August 27, 1999
ABC'S ITEM NO.
E143312
155,
155,
130
100
200
180
Temp
Class
SW1608□□□□L□-□□□
PAGE: 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com