Electronic Components Datasheet Search
  English  ▼

X  

B66289G Datasheet(PDF) 5 Page - EPCOS

Part # B66289G
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66289G Datasheet(HTML) 5 Page - EPCOS

  B66289G Datasheet HTML 1Page - EPCOS B66289G Datasheet HTML 2Page - EPCOS B66289G Datasheet HTML 3Page - EPCOS B66289G Datasheet HTML 4Page - EPCOS B66289G Datasheet HTML 5Page - EPCOS B66289G Datasheet HTML 6Page - EPCOS B66289G Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 38
Combination:
ELP 38/8/25 with I 38/4/25
■ To IEC 62317-9
■ Delivery mode: single units
Magnetic
characteristics (per set)
Σl/A= 0.22 mm–1
le
= 43.6 mm
Ae
= 194 mm2
Amin = 192 mm2
Ve
= 8440 mm3
Approx. weight 44 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EILP 38:
Validity range:
K1, K2: 0.10 mm < s < 2.00 mm
K3, K4: 180 nH < AL < 1500 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N49
5700
±25% 1000 < 2.20 ( 50 mT, 500 kHz, 100 °C) B66459G0000X149 (ELP core)
B66459P0000X149 (I core)
N92
6200
±25% 1110 < 5.30 (200 mT, 100 kHz, 100 °C) B66459G0000X192 (ELP core)
B66459P0000X192 (I core)
N87
8300
±25% 1450 < 5.15 (200 mT, 100 kHz, 100 °C) B66459G0000X187 (ELP core)
B66459P0000X187 (I core)
N97
8400
±25% 1500 < 4.40 (200 mT, 100 kHz, 100 °C) B66459G0000X197 (ELP core)
B66459P0000X197 (I core)
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
328
–0.788
541
–0.796
477
–0.873
FEK0406-L
7.6±0.2
30.8±0.6
38.1±0.8
FEK0407-U
7.6±0.2
30.8±0.6
38.1±0.8
I 38/4/25
ELP 38/8/25
B66459
Core (without clamp recess)
ELP 38/8/25 with I 38/4/25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com